Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download 2SD620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon MOS FETs (Small Signal)
2SK620
Silicon N-Channel MOS FET
For switching
2.8 -0.3
+0.2
unit: mm
0.650.15
s Features
q High-speed switching q Mini-type package, allowing downsizing of the sets and automatic insertion through the tape/magazine packing.
0.650.15
1.5 -0.05
+0.25
0.95
2.9 -0.05
1
1.90.2
+0.2
0.95
3
0.4 -0.05
+0.1
2
1.45
+0.2 1.1 -0.1
s Absolute Maximum Ratings (Ta = 25C)
Parameter Drain to Source breakdown voltage Gate to Source voltage Drain current Max drain current Allowable power dissipation Channel temperature Storage temperature Symbol VDSS VGSO ID IDP PD Tch Tstg Ratings 50 8 100 200 150 150 -55 to +150 Unit V V mA mA mW C C
1: Gate 2: Source 3: Drain
JEDEC: TO-236 EIAJ: SC-59 Mini Type Package (3-pin)
Marking Symbol: 3N Internal Connection
D
G
0 to 0.1
0.1 to 0.3 0.40.2
0.8
S
s Electrical Characteristics (Ta = 25C)
Parameter Drain to Source cut-off current Gate to Source leakage current Drain to Source breakdown voltage Gate threshold voltage Drain to Source ON-resistance Forward transfer admittance Input capacitance (Common Source) Output capacitance (Common Source) Reverse transfer capacitance (Common Source) Turn-on time Turn-off time
*
Symbol IDSS IGSS VDSS Vth RDS(on) | Yfs | Ciss Coss Crss ton* toff*
Conditions VDS = 10V, VGS = 0 VGS = 8V, VDS = 0 ID = 100A, VGS = 0 ID = 100A, VDS = VGS ID = 20mA, VGS = 5V ID = 20mA, VDS = 5V, f = 1kHz VDS = 5V, VGS = 0, f = 1MHz VDD = 5V, VGS = 0 to 5V, RL = 200 VDD = 5V, VGS = 5 to 0V, RL = 200
min
typ
max 10 50 3.5 50
50 1.5 20 30
15 5 1 10 20
ton, toff measurement circuit
Vout 200 Vin VDD = 5V Vout 10% 10% 90% ton toff 90%
50
100F
VGS = 5V
0.16 -0.06
+0.1
Unit A nA V V mS pF pF pF ns ns
1
Silicon MOS FETs (Small Signal)
PD Ta
240 120
2SK620
ID VDS
60
| Yfs | VGS
Forward transfer admittance |Yfs| (mS)
Ta=25C VDS=5V Ta=25C 50
Allowable power dissipation PD (mW)
200
100
Drain current ID (mA)
VGS=6.0V 80 5.5V 5.0V 60
160
40
120
4.5V
30
80
40
4.0V 3.5V 3.0V 2.5V 0 2 4 6 8 10 12
20
40
20
10
0 0 20 40 60 80 100 120 140 160
0
0 0 2 4 6 8 10 12
Ambient temperature Ta (C)
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Ciss, Coss, Crss VDS
Input capacitance (Common source), Output capacitance (Common source), Reverse transfer capacitance (Common source) Ciss,Coss,Crss (pF)
12 VGS=0 f=1MHz Ta=25C 120
ID VGS
Drain to source ON-resistance RDS(on) ()
120 VDS=5V Ta=25C 100
RDS(on) VGS
ID=20mA 100
10 Ciss 8
Drain current ID (mA)
80
Ta=-25C 25C
80
6
60
75C
60
Ta=75C 25C -25C
4 Coss 2 Crss 1 3 10 30 100
40
40
20
20
0
0 0 2 4 6 8 10 12
0 0 2 4 6 8 10 12
Drain to source voltage VDS (V)
Gate to source voltage VGS (V)
Gate to source voltage VGS (V)
VIN IO
100 30 VO=5V Ta=25C
Input voltage VIN (V)
10 3 1 0.3 0.1 0.03 0.01 0.1
0.3
1
3
10
30
100
Output current IO (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SD620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X